Part Number Hot Search : 
MAX3010 342K07 TPCC8 MT30430 IP7805AK HST08 TF227 29LV160
Product Description
Full Text Search
 

To Download SMBT2907A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMBT2907A/MMBT2907A
PNP Silicon Switching Transistor High DC current gain: 0.1mA to 500 mA Low collector-emitter saturation voltage Complementary type: SMBT2222A/ MMBT2222A (NPN)
3
1For calculation of R thJA please refer to Application Note Thermal Resistance

2 1
VPS05161
Type Marking SMBT2907A/MMBT2907A s2F 1=B
Maximum Ratings Parameter Collector-emitter voltage Collector-base voltage Emitter-base voltage DC collector current Total power dissipation, TS = 77 C Junction temperature Storage temperature
Pin Configuration 2=E 3=C
Package SOT23
Symbol VCEO VCBO VEBO IC Ptot Tj Tstg
Value 60 60 5 600 330 150 -65 ... 150
Unit V
mA mW C
Thermal Resistance Junction - soldering point 1) RthJS
220
K/W
1
Jun-12-2002
SMBT2907A/MMBT2907A
Electrical Characteristicsn at TA = 25C, unless otherwise specified. Parameter DC Characteristics Collector-emitter breakdown voltage IC = 10 mA, IB = 0 Collector-base breakdown voltage IC = 10 A, IE = 0 Emitter-base breakdown voltage IE = 10 A, IC = 0 Collector cutoff current VCB = 50 V, IE = 0 Collector cutoff current VCB = 50 V, IE = 0 , TA = 150 C Emitter cutoff current VEB = 3 V, IC = 0 DC current gain 1) IC = 100 A, VCE = 10 V IC = 1 mA, VCE = 10 V IC = 10 mA, VCE = 10 V IC = 150 mA, VCE = 10 V IC = 500 mA, VCE = 10 V Collector-emitter saturation voltage1) IC = 150 mA, IB = 15 mA IC = 500 mA, IB = 50 mA Base-emitter saturation voltage 1) IC = 150 mA, IB = 15 mA IC = 500 mA, IB = 50 mA VBEsat 1.3 2.6 VCEsat 0.4 1.6 hFE 75 100 100 100 50 300 V IEBO 10 nA ICBO 10 A ICBO 10 nA V(BR)EBO 5 V(BR)CBO 60 V(BR)CEO 60 V Symbol min. Values typ. max. Unit
1) Pulse test: t =300s, D = 2%
2
Jun-12-2002
SMBT2907A/MMBT2907A
Electrical Characteristics at TA = 25C, unless otherwise specified. Symbol Values Parameter min. AC Characteristics Transition frequency IC = 20 mA, VCE = 20 V, f = 100 MHz Collector-base capacitance VCB = 10 V, f = 1 MHz Emitter-base capacitance VEB = 0.5 V, f = 1 MHz Delay time VCC = 30 V, IC = 150 mA, IB1 = 15 mA, VBE(off) = 0.5 V Rise time VCC = 30 V, IC = 150 mA, IB1 = 15 mA, VBE(off) = 0.5 V Storage time VCC = 30 V, IC = 150 mA, IB1 =IB2 = 15mA Fall time VCC = 30 V, IC = 150 mA, IB1 =IB2 = 15mA tf 30 tstg 80 tr 40 td 10 Ceb 30 Ccb 8 fT 200 typ. max.
Unit
MHz pF
ns
3
Jun-12-2002
SMBT2907A/MMBT2907A Test circuits
Delay and rise time
-30 V 200 Osc. 1 k 50
EHN00053
Input Z 0 = 50 t r < 2ns 0 -16 V 200 ns
t r < 5 ns
Storage and fall time
-6 V +15 V Input Z 0 = 50 t r < 2 ns 0 -30 V 200 ns
EHN00054
1 k 50
1 k
37 Osc. t r < 5 ns
Oscillograph: R > 100, C < 12pF, tr < 5ns
4
Jun-12-2002
SMBT2907A/MMBT2907A
Total power dissipation Ptot = f(TS)
Collector-base capacitance CCB = f (VCB) f = 1MHz
10 2 pF Ccb 5
SMBT 2907/A EHP00747
360
mW
300 270
P tot
240 210 180 150 120 90 60 30 0 0 15 30 45 60 75 90 105 120
10 1
5
C 150 TS
10 0 10 -1
5
10 0
5
10 1
V VCB
5
10 2
Permissible pulse load Ptotmax / PtotDC = f (tp )
10 3 Ptot max 5 Ptot DC
SMBT 2907/A EHP00748
Transition frequency fT = f (IC) VCE = 5V
10 3 MHz fT 5
SMBT 2907/A EHP00749
tp D= T
tp T
10 2 5
10 1 5
D= 0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
10 2
5
10 0 10 -6
10
-5
10
-4
10
-3
10
-2
s tp
10
0
10 1 10 0
5
10 1
5
10 2 mA 5
10 3
C
5
Jun-12-2002
SMBT2907A/MMBT2907A
Saturation voltage IC = f (VBEsat , VCEsat) hFE = 10
10 3 mA
SMBT 2907/A EHP00750
Delay time t d = f (IC) Rise time tr = f (IC)
10 3 ns
SMBT 2907/A EHP00751
C
10 2 5 V CE V BE
t r, t d
5
VBE = 0 V, VCC = 10 V, VBE = 20 V, VCC = 30 V
tr
10 1 5
10 2
td
5
10 0 5 10 -2 10 -1
0
0.2
0.4
0.6
0.8
1.0
1.2
V
1.6
10 1 0 10
5 10 1
VBE sat , VCE sat
5 10 2 mA 5 10 3 C
Storage time tstg = f(IC)
Fall time t f = f (IC)
10 3 t stg ns 5
SMBT 2907/A
EHP00752
10 3 tf ns 5
SMBT 2907/A
EHP00753
VCC = 30 V h FE = 20 h FE = 10
10 2
10 2
5
h FE = 10 h FE = 20
5
10 1 0 10
5 10 1
5 10 2 mA 5 10 3
10 1 0 10
5 10 1
5 10 2 mA 5 10 3
C
C
6
Jun-12-2002
SMBT2907A/MMBT2907A
DC current gain hFE = f (IC ) VCE = 5V
10 3
SMBT 2907/A EHP00754
h FE
5 150 C 25 C 10 2 -50 C
5
10 1 -1 10
10
0
10
1
10
2
mA 10 3
C
7
Jun-12-2002


▲Up To Search▲   

 
Price & Availability of SMBT2907A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X